Part Number Hot Search : 
T82A6 T74LV B1185 BD9G101G IVRC059X XTV12750 2SC3930 TGT20
Product Description
Full Text Search
 

To Download QL2005-2PL84C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ql2005 3.3v and 5.0v pasic 2 fpga combining speed, density, low cost and flexibility 3-15 ultimate verilog/vhdl silicon solution -abundant, high-speed interconnect eliminates manual routing -flexible logic cell provides high efficiency and performance -design tools produce fast, efficient verilog/vhdl synthesis speed, density, low cost and flexibility in one device -16-bit counter speeds exceeding 200 mhz -5,000 usable gates, 8,000 usable pld gates, 156 i/os -3-layer metal vialink process for small die sizes -100% routable and pin-out maintainable advanced logic cell and i/o capabilities -complex functions (up to 16 inputs) in a single logic cell -high synthesis gate utilization from logic cell fragments -full ieee standard jtag boundary scan capability -individually-controlled input/feedback registers and oes on all i/o pins other important family features -3.3v and 5.0v operation with low standby power -i/o pin-compatibility between different devices in the same packages -pci compliant (at 5.0v), full speed 33 mhz implementations -high design security provided by security fuses 5,000 usable asic gates, 156 i/o pins 320 logic cells pasic 2 3 ql2005 block diagram rev. c pasic 2 highlights
ql2005 3-16 the ql2005 is a 5,000 usable asic gate, 8,000 usable pld gate member of the pasic 2 family of fpgas. pasic 2 fpgas employ a unique combination of architecture, technology, and software tools to provide high speed, high usable density, low price, and flexibility in the same devices. the flexibility and speed make pasic 2 devices an efficient and high performance silicon solution for designs described using hdls such as verilog and vhdl, as well as schematics. the ql2005 contains 320 logic cells. with 156 maximum i/os, the ql2005 is available in 84-plcc, 144-pin tqfp, and 208-pqfp packages. software support for the complete pasic families, including the ql2005, is available through three basic packages. the turnkey quick works package provides the most complete fpga software solution from design entry to logic synthesis (by synplicity, inc.), to place and route, to simulation. the quick tools tm and quick chip tm packages provide a solution for designers who use cadence, mentor, synopsys, viewlogic, veribest, or other third- party tools for design entry, synthesis, or simulation. total of 156 i/o pins - 148 bidirectional input/output pins, pci-compliant at 5.0v in -1/-2 speed grades - 4 high-drive input-only pins - 4 high-drive input/distributed network pins four low-skew (less than 0.5ns) distributed networks - two array networks available to logic cell flip-flop clock, set, and reset - each driven by an input-only pin - two global clock/control networks available to f1 logic input, and logic cell flip-flop clock, set, reset; input and i/o register clock, reset, enable; and output enable controls - each driven by an input-only pin, or any input or i/o pin, or any logic cell output or i/o cell feedback high performance - input + logic cell + output delays under 6 ns - datapath speeds exceeding 225 mhz - counter speeds over 200 mhz product summary features
ql2005 3-17 pinout diagram 84-pin plcc pasic 2 3
ql2005 3-18 pinout diagrams 144-pin tqfp ql2005-1pf144c pasic 208-pin pqfp ql2005-1pq208c pasic pin # 1 pin # 1 pin # 109 pin # 157 pin # 37 pin # 105 pin # 73 pin # 53
ql2005 3-19 pqfp 208 and tqfp 144 pinout table 208 144 function 208 144 function 208 144 function 208 144 function 208 144 function pqfp tqfp pqfp tqfp pqfp tqfp pqfp tqfp pqfp tqfp 1 144 i/o 43 30 gnd 85 60 i/o 127 87 gnd 169 117 i/o 2 1 i/o 44 31 i/o 86 61 i/o 128 88 i/o 170 118 i/o 3 2 i/o 45 nc nc 87 nc i/o 129 89 i 171 119 i/o 4 3 i/o 46 32 i/o 88 62 i/o 130 90 aclk / i 172 120 i/o 5 nc i/o 47 33 i/o 89 63 i/o 131 91 vcc 173 nc nc 6 4 i/o 48 34 i/o 90 nc i/o 132 92 i 174 nc i/o 7 5 i/o 49 nc i/o 91 nc i/o 133 93 gclk / i 175 121 i/o 8 nc i/o 50 35 i/o 92 64 i/o 134 94 vcc 176 nc i/o 9 6 i/o 51 36 i/o 93 nc nc 135 95 i/o 177 122 gnd 10 7 vcc 52 37 i/o 94 65 i/o 136 nc i/o 178 123 i/o 11 nc nc 53 nc nc 95 66 gnd 137 96 i/o 179 124 i/o 12 nc gnd 54 38 tdi 96 67 i/o 138 nc i/o 180 nc i/o 13 8 i/o 55 39 i/o 97 nc vcc 139 97 i/o 181 125 i/o 14 nc i/o 56 nc i/o 98 nc i/o 140 98 i/o 182 126 gnd 15 9 i/o 57 40 i/o 99 68 i/o 141 nc i/o 183 127 i/o 16 nc nc 58 nc nc 100 69 i/o 142 99 i/o 184 128 i/o 17 10 i/o 59 nc gnd 101 nc i/o 143 100 i/o 185 129 i/o 18 11 i/o 60 41 i/o 102 70 i/o 144 nc nc 186 nc nc 19 12 i/o 61 42 vcc 103 71 trstb 145 nc vcc 187 130 vcc 20 13 i/o 62 43 i/o 104 72 tms 146 101 i/o 188 131 i/o 21 nc nc 63 nc i/o 105 nc nc 147 102 gnd 189 132 i/o 22 14 i/o 64 44 i/o 106 73 i/o 148 103 i/o 190 nc i/o 23 15 gnd 65 45 i/o 107 nc i/o 149 104 i/o 191 133 i/o 24 16 i/o 66 nc i/o 108 74 i/o 150 105 i/o 192 134 i/o 25 17 i 67 46 i/o 109 75 i/o 151 106 i/o 193 nc i/o 26 18 aclk / i 68 47 i/o 110 76 i/o 152 nc i/o 194 135 i/o 27 19 vcc 69 48 i/o 111 77 i/o 153 107 i/o 195 136 i/o 28 20 i 70 nc i/o 112 nc nc 154 108 i/o 196 nc i/o 29 21 gclk / i 71 49 i/o 113 78 i/o 155 nc nc 197 137 i/o 30 22 vcc 72 nc i/o 114 79 vcc 156 nc i/o 198 nc i/o 31 23 i/o 73 50 gnd 115 80 i/o 157 109 tck 199 138 gnd 32 nc i/o 74 51 i/o 116 nc gnd 158 110 stm 200 139 i/o 33 24 i/o 75 52 i/o 117 81 i/o 159 111 i/o 201 nc vcc 34 nc nc 76 nc nc 118 82 i/o 160 nc i/o 202 140 i/o 35 25 i/o 77 53 i/o 119 nc i/o 161 112 i/o 203 nc i/o 36 nc i/o 78 54 gnd 120 83 i/o 162 113 i/o 204 141 i/o 37 26 i/o 79 55 i/o 121 nc i/o 163 nc gnd 205 142 i/o 38 27 i/o 80 56 i/o 122 84 i/o 164 nc nc 206 nc i/o 39 28 i/o 81 nc i/o 123 85 i/o 165 114 vcc 207 143 tdo 40 nc i/o 82 57 i/o 124 nc nc 166 115 i/o 208 nc nc 41 nc vcc 83 58 vcc 125 86 i/o 167 116 i/o 42 29 i/o 84 59 i/o 126 nc i/o 168 nc i/o pasic 2 3
ql2005 3-20 pin descriptions pin function description tdi test data in for jtag hold high during normal operation. connect to vcc if not used for jtag. trstb active low reset for jtag hold low during normal operation. connect to ground if not used for jtag. tms test mode select for jtag hold high during normal operation. connect to vcc if not used for jtag. tck test clock for jtag hold high or low during normal operation. connect to vcc or ground if not used for jtag. tdo test data out for jtag output that must be left unc onnected if not used for jtag. stm special test mode must be grounded during normal operation. i/aclk high-drive input and/or array network driver can be configured as either or both. i/gclk high-drive input and/or global network driver can be configured as either or both. i high-drive input use for input signals with high fanout. i/o input/output pin can be configured as an input and/or output. vcc power supply pin connect to 3.3v supply. gnd ground pin connect to ground. ordering information ql 2005 - 1 pq208 c quicklogic pasic device pasic 2 device part number speed grade x = quick 0 = fast 1 = faster 2 = fastest operating range c = commercial i = industrial package code pl84 = 84-pin plcc pf144 = 144-pin tqfp pq208 = 208-pin pqfp
ql2005 3-21 absolute maximum ratings supply voltage .. -0.5 to 7.0v storage temperature.... -65 c to + 150 c input voltage . -0.5 to vcc +0.5v lead temperature . 300 c esd pad protection . 2000v dc input current . 20 ma latch-up immunity . 200 ma 5 volt operating range symbol parameter industrial commercial unit min max min max vcc supply voltage 4.5 5.5 4.75 5.25 v ta ambient temperature -40 85 0 70 c tc case temperature c -x speed grade 0.4 2.75 0.46 2.55 k delay factor -0 speed grade 0.4 2.00 0.46 1.85 -1 speed grade 0.4 1.61 0.46 1.50 -2 speed grade 0.4 1.35 0.46 1.25 dc characteristics over 5v operating range symbol parameter conditions min max unit vih input high voltage 2.0 v vil input low voltage 0.8 v ioh = -4 ma 3.7 v voh output high voltage ioh = -24 ma/-16 ma [1] 2.4 v ioh = -10 m a vcc-0.1 v vol output low voltage iol = 24 ma/16 ma [1] 0.45 v iol = 10 m a 0.1 v ii input leakage current vi = vcc or gnd -10 10 m a ioz 3-state output leakage current vi = vcc or gnd -10 10 m a ci input capacitance [2] 10 pf ios output short circuit current [3] vo = gnd -15 -120 ma vo = vcc 40 210 ma icc d.c. supply current [4] vi, vio = vcc or gnd 2 (typ) 10 ma notes: [1] -24 ma ioh and 24 ma iol apply only to -1/-2 commercial grade devices. these speed grades are also pci-compliant. all other devices have -16 ma ioh and 16 ma iol specifications. [2] capacitance is sample tested only. [3] only one output at a time. duration should not exceed 30 seconds. [4] for -0/-1/-2 commercial grade devices only. maximum icc is 20 ma for -x commercial grade devices and 15ma for all industrial grade devices. for ac conditions, contact quicklogic customer engineering. pasic 2 3
ql2005 3-22 3.3 volt operating range symbol parameter industrial commercial unit min max min max vcc supply voltage 3.0 3.6 3.0 3.6 v ta ambient temperature -40 85 0 70 c -0 speed grade 0.56 2.74 0.61 2.65 k delay factor -1 speed grade 0.56 2.21 0.61 2.14 -2 speed grade 0.56 1.85 0.61 1.79 dc characteristics over 3.3v operating range symbol parameter conditions min max unit vih input high voltage 2.0 v vil input low voltage 0.8 v voh output high voltage ioh = -2.4 ma 2.4 v ioh = -10 m a vcc-0.1 v vol output low voltage iol = 4 ma 0.4 v iol = 10 m a 0.1 v iih input high current sink (for tolerance to 5v devices) 5.5v > vi > vcc 12 ma ii input leakage current vi = vcc or gnd -10 10 m a ioz 3-state output leakage current vi = vcc or gnd -10 10 m a ci input capacitance [5] 10 pf ios output short circuit current [6] vo = gnd -10 -70 ma vo = vcc 25 130 ma icc d.c. supply current [7] vi, vio = vcc or gnd 0.5 (typ) 3 ma notes: [5] capacitance is sample tested only. [6] only one output at a time. duration should not exceed 30 seconds. [7] for commercial grade devices only. maximum icc is 5 ma for all industrial grade devices. for ac conditions, contact quicklogic customer engineering.
ql2005 3-23 ac characteristics at vcc = 5v, ta = 25 c (k = 1.00) propagation delays depend on routing, fanout, load capacitance, supply voltage, junction temperature, and process variation. the ac characteristics are a design guide to provide initial timing estimates at nominal conditions. worst case estimates are obtained when nominal propagation delays are multiplied by the appropriate delay factor, k, as specified in the delay factor table (operating range). the quick chip /quick tools /quick works software incorporates data sheet ac characteristics into the design database for precise path analysis or simulation results following place and route. logic cells input-only cells symbol parameter propagation delays (ns) fanout [8] 123481224 tin high drive input delay 2.5 2.6 2.6 2.7 3.5 4.6 5.8 tini high drive input, inverting delay 2.6 2.7 2.7 2.8 3.6 4.7 5.9 tisu input register set-up time 4.8 4.8 4.8 4.8 4.8 4.8 4.8 tih input register hold time 0.0 0.0 0.0 0.0 0.0 0.0 0.0 tlclk input register clock to q 0.9 1.0 1.0 1.1 1.9 3.0 4.2 tlrst input register reset delay 0.8 0.9 0.9 1.0 1.8 2.9 4.1 tlesu input register clock enable set-up time 4.1 4.1 4.1 4.1 4.1 4.1 4.1 tleh input register clock enable hold time 0.0 0.0 0.0 0.0 0.0 0.0 0.0 notes: [8] stated timing for worst case propagation delay over process variation at vcc=5.0v and ta=25 c. multiply by the appropriate delay factor, k, for speed grade, voltage and temperature settings as specified in the operating range. [9] these limits are derived from a representative selection of the slowest paths through the pasic 2 logic cell including typical net delays . worst case delay values for specific paths should be determined from timing analysis of your particular design. symbol parameter propagation delays (ns) fanout [8] 12348 tpd combinatorial delay [9] 1.4 1.7 2.0 2.3 3.5 tsu setup time [9] 1.8 1.8 1.8 1.8 1.8 th hold time 0.0 0.0 0.0 0.0 0.0 tclk clock to q delay 0.8 1.1 1.4 1.7 2.9 tcwhi clock high time 2.0 2.0 2.0 2.0 2.0 tcwlo clock low time 2.0 2.0 2.0 2.0 2.0 tset set delay 1.4 1.7 2.0 2.3 3.5 treset reset delay 1.2 1.5 1.8 2.1 3.3 tsw set width 1.9 1.9 1.9 1.9 1.9 trw reset width 1.8 1.8 1.8 1.8 1.8 pasic 2 3
ql2005 3-24 clock cells symbol parameter propagation delays (ns) loads per half column [10] 123481013 tack array clock delay 2.2 2.2 2.3 2.4 2.5 2.6 tgckp global clock pin delay 1.2 1.2 1.2 1.2 1.2 1.2 1.2 tgckb global clock buffer delay 1.5 1.6 1.6 1.7 1.8 1.9 2.0 i/o cells symbol parameter propagation delays (ns) fanout [8] 1234810 ti/o input delay (bidirectional pad) 1.8 2.1 2.4 2.7 3.9 4.6 tisu input register set-up time 4.8 4.8 4.8 4.8 4.8 4.8 tih input register hold time 0.0 0.0 0.0 0.0 0.0 0.0 tloclk input register clock to q 0.8 1.1 1.4 1.7 2.9 3.6 tlorst input register reset delay 0.7 1.0 1.3 1.6 2.8 3.5 tlesu input register clock enable set-up time 4.1 4.1 4.1 4.1 4.1 4.1 tleh input register clock enable hold time 0.0 0.0 0.0 0.0 0.0 0.0 symbol parameter propagation delays (ns) output load capacitance (pf) 30 50 75 100 150 toutlh output delay low to high 2.6 3.0 3.6 4.1 5.2 touthl output delay high to low 2.8 3.3 3.9 4.5 5.7 tpzh output delay tri-state to high 2.1 2.6 3.1 3.7 4.8 tpzl output delay tri-state to low 2.6 3.3 4.1 4.9 6.5 tphz output delay high to tri-state [11] 2.9 tplz output delay low to tri-state [11] 3.3 notes: [10] the array distributed networks consist of 48 half columns and the global distributed networks consist of 52 half columns, each driven by an independent buffer. the number of half columns used does not affect clock buffer delay. the array clock has up to 10 loads per half column. the global clock has up to 13 loads per half column. [11] the following loads are used for tpxz: 5 pf 1k w 5 pf 1k w tphz tplz


▲Up To Search▲   

 
Price & Availability of QL2005-2PL84C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X